Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 487Page - Renesas Technology Corp SH7672 Datasheet HTML 488Page - Renesas Technology Corp SH7672 Datasheet HTML 489Page - Renesas Technology Corp SH7672 Datasheet HTML 490Page - Renesas Technology Corp SH7672 Datasheet HTML 491Page - Renesas Technology Corp SH7672 Datasheet HTML 492Page - Renesas Technology Corp SH7672 Datasheet HTML 493Page - Renesas Technology Corp SH7672 Datasheet HTML 494Page - Renesas Technology Corp SH7672 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 465 of 1262
REJ09B0437-0100
13.2.20
Transmit Interrupt Register (TRIMD)
TRIMD is a 32-bit readable/writable register that specifies whether or not to notify write-back
completion for each frame using the TWB bit in EESR and an interrupt on transmit operations.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRR
R/
RRRRRRRRR
R/W


TIS
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
TIS
0
R/W
Transmit Interrupt Setting
0: Write-back completion for each frame is not notified
1: Write-backed completion for each frame using the
TWB bit in EESR is notified
13.2.21
Checksum Mode Register (CSMR)
CSMR is a 32-bit readable/writable register that specifies the checksum operating mode. Set this
register when reception is stopped.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1100000000000000
R/W
R/W
RRRRRRRRRRRRRR
0000000000011010
RRRRRRRRRR
R/W
R/W
R/W
R/W
R/W
R/W
CSEBL CSMD


SB[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com