Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 485Page - Renesas Technology Corp SH7672 Datasheet HTML 486Page - Renesas Technology Corp SH7672 Datasheet HTML 487Page - Renesas Technology Corp SH7672 Datasheet HTML 488Page - Renesas Technology Corp SH7672 Datasheet HTML 489Page - Renesas Technology Corp SH7672 Datasheet HTML 490Page - Renesas Technology Corp SH7672 Datasheet HTML 491Page - Renesas Technology Corp SH7672 Datasheet HTML 492Page - Renesas Technology Corp SH7672 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 463 of 1262
REJ09B0437-0100
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000111
RRRRRRRRRRRRR
R/W
R/W
R/W
0000000000000000
RRRRRRRRRRRRR
R/W
R/W
R/W

RFF[2:0]

RFD[2:0]
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
Bit
Bit Name
Initial
value
R/W
Description
31 to 19
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
18 to 16
RFF[2:0]
111
R/W
Receive Frame Number Flow Control Threshold
000: When one receive frame has been stored in the
receive FIFO
001: When two receive frames have been stored in the
receive FIFO
:
:
110: When seven receive frames have been stored in
the receive FIFO
111: When eight receive frames have been stored in
the receive FIFO
15 to 3
All 0
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
RFD[2:0]
000
R/W
Receive Byte Flow Control Threshold
000: When (256
− 64) bytes of data is stored in the
receive FIFO
001: When (512
− 64) bytes of data is stored in the
receive FIFO
Other than above: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com