Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 482Page - Renesas Technology Corp SH7672 Datasheet HTML 483Page - Renesas Technology Corp SH7672 Datasheet HTML 484Page - Renesas Technology Corp SH7672 Datasheet HTML 485Page - Renesas Technology Corp SH7672 Datasheet HTML 486Page - Renesas Technology Corp SH7672 Datasheet HTML 487Page - Renesas Technology Corp SH7672 Datasheet HTML 488Page - Renesas Technology Corp SH7672 Datasheet HTML 489Page - Renesas Technology Corp SH7672 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 460 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
value
R/W
Description
1
EDH
0
R/W
E-DMAC Halted
0: The E-DMAC is operating normally
1: The E-DMAC has been halted by NMI pin assertion.
E-DMAC operation is restarted by writing 0
0
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
13.2.14
Receiving-Buffer Write Address Register (RBWAR)
RBWAR stores the address of data to be written in the receiving buffer when the E-DMAC writes
data to the receiving buffer. Which addresses in the receiving buffer are processed by the E-
DMAC can be recognized by monitoring addresses displayed in this register. The address that the
E-DMAC is actually processing may be different from the value read from this register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
RBWA[31:16]
RBWA[15:0]
Bit
Bit Name
Initial
value
R/W
Description
31 to 0
RBWA[31:0] All 0
R
Receiving-Buffer Write Address
These bits can only be read. Writing is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com