Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 478Page - Renesas Technology Corp SH7672 Datasheet HTML 479Page - Renesas Technology Corp SH7672 Datasheet HTML 480Page - Renesas Technology Corp SH7672 Datasheet HTML 481Page - Renesas Technology Corp SH7672 Datasheet HTML 482Page - Renesas Technology Corp SH7672 Datasheet HTML 483Page - Renesas Technology Corp SH7672 Datasheet HTML 484Page - Renesas Technology Corp SH7672 Datasheet HTML 485Page - Renesas Technology Corp SH7672 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 456 of 1262
REJ09B0437-0100
13.2.10
Transmit FIFO Threshold Register (TFTR)
TFTR is a 32-bit readable/writable register that specifies the transmit FIFO threshold at which the
first transmission is started. The actual threshold is 4 times the set value. The EtherC starts
transmission when the amount of data in the transmit FIFO exceeds the number of bytes specified
by this register, when the transmit FIFO is full, or when 1-frame write is executed. When setting
this register, do so in the transmission-halt state.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



TFT[10:0]
Bit
Bit Name Initial value R/W
Description
31 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10 to 0
TFT[10:0] All 0
R/W
Transmit FIFO threshold
When setting a transmit FIFO, the FIFO must be set to
a smaller value than the specified value of the FIFO
capacity by FDR.
H'00: Store and forward modes
H'01 to H'0C: Setting prohibited
H'0D: 52 bytes
H'0E: 56 bytes
:
:
H'1F: 124 bytes
H'20: 128 bytes
:
:
H'3F: 252 bytes
H'40: 256 bytes
:
:
H'7F: 508 bytes
H'80: 512 bytes
H'81 to H'200: Setting prohibited
Note:
When starting transmission before one frame of data write has completed, take care the
generation of the underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com