Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 477Page - Renesas Technology Corp SH7672 Datasheet HTML 478Page - Renesas Technology Corp SH7672 Datasheet HTML 479Page - Renesas Technology Corp SH7672 Datasheet HTML 480Page - Renesas Technology Corp SH7672 Datasheet HTML 481Page - Renesas Technology Corp SH7672 Datasheet HTML 482Page - Renesas Technology Corp SH7672 Datasheet HTML 483Page - Renesas Technology Corp SH7672 Datasheet HTML 484Page - Renesas Technology Corp SH7672 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 455 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
value
R/W
Description
1
PRECE
0
R/W
PRE Bit Copy Directive
0: Indicates the PRF bit state in bit RFS1 of the receive
descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS1 of the receive descriptor
0
CERFCE
0
R/W
CERF Bit Copy Directive
0: Indicates the CERF bit state in bit RFS0 of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS0 of the receive descriptor
13.2.9
Receive Missed-Frame Counter Register (RMFCR)
RMFCR is a 16-bit counter that indicates the number of frames missed (discarded, and not
transferred to the receive buffer) during reception. When the receive FIFO overflows, the receive
frames in the FIFO are discarded. The number of frames discarded at this time is counted. When
the value in this register reaches H'FFFF, counting-up is halted. When this register is read, the
counter value is cleared to 0. Write operations to this register have no effect.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRR
R

MFC[15:0]
Bit
Bit Name
Initial
value
R/W
Description
31 to 16
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
MFC[15:0]
All 0
R
Missed-Frame Counter
Indicate the number of frames that are discarded and
not transferred to the receive buffer during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com