Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 484Page - Renesas Technology Corp SH7672 Datasheet HTML 485Page - Renesas Technology Corp SH7672 Datasheet HTML 486Page - Renesas Technology Corp SH7672 Datasheet HTML 487Page - Renesas Technology Corp SH7672 Datasheet HTML 488Page - Renesas Technology Corp SH7672 Datasheet HTML 489Page - Renesas Technology Corp SH7672 Datasheet HTML 490Page - Renesas Technology Corp SH7672 Datasheet HTML 491Page - Renesas Technology Corp SH7672 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 462 of 1262
REJ09B0437-0100
13.2.17
Transmission-Descriptor Fetch Address Register (TDFAR)
TDFAR stores the descriptor start address that is required when the E-DMAC fetches descriptor
information from the transmission descriptor. Which transmission descriptor information is used
for processing by the E-DMAC can be recognized by monitoring addresses displayed in this
register. The address from which the E-DMAC is actually fetching a descriptor may be different
from the value read from this register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial Value:
R/W:
0000000000000000
0000000000000000
TDFA[31:16]
RRRRRRRRRRRRRRRR
RRRRRRRRRRRRRRRR
TDFA[15:0]
Bit
Bit Name
Initial
value
R/W
Description
31 to 0
TDFA[31:0]
All 0
R
Transmission-Descriptor Fetch Address
These bits can only be read. Writing is prohibited.
13.2.18
Flow Control FIFO Threshold Register (FCFTR)
FCFTR is a 32-bit readable/writable register that sets the flow control of the EtherC (setting the
threshold on automatic PAUSE transmission). The threshold can be specified by the depth of the
receive FIFO data (RFD2 to RFD0) and the number of receive frames (RFF2 to RFF0). The
condition to start the flow control is decided by taking OR operation on the two thresholds.
Therefore, the flow control by the two thresholds is independently started.
When flow control is performed according to the RFD bits setting, if the setting is the same as the
depth of the receive FIFO specified by the FIFO depth register (FDR), flow control is started when
the remaining FIFO is (FIFO data
− 64) bytes. For instance, when RFD in FDR = 1 and RFD in
FCFTR
= 1, flow control is started when (512 − 64) bytes of data is stored in the receive FIFO.
The value set in the RFD bits in this register should be equal to or less than those in FDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com