Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 505Page - Renesas Technology Corp SH7672 Datasheet HTML 506Page - Renesas Technology Corp SH7672 Datasheet HTML 507Page - Renesas Technology Corp SH7672 Datasheet HTML 508Page - Renesas Technology Corp SH7672 Datasheet HTML 509Page - Renesas Technology Corp SH7672 Datasheet HTML 510Page - Renesas Technology Corp SH7672 Datasheet HTML 511Page - Renesas Technology Corp SH7672 Datasheet HTML 512Page - Renesas Technology Corp SH7672 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 483 of 1262
REJ09B0437-0100
13.3.3
Reception
When the receive function is enabled and the CPU sets the receive request bit (RR) in the E-
DMAC receive request register (EDRRR), the E-DMAC reads the descriptor following the
previously used one from the receive descriptor list (the descriptor indicated by the receive
descriptor list's starting address register (RDLA) is used at the initial state), and then enters the
receive-standby state. If the setting of the RACT bit is "active" and an own-address frame is
received, the E-DMAC transfers the frame to the receive buffer specified by RD2. If the data
length of the received frame is greater than the buffer length given by RD1, the E-DMAC
performs write-back to the descriptor when the buffer is full (RFP = 10 or 00), then reads the next
descriptor. The E-DMAC then continues to transfer data to the receive buffer specified by the new
RD2. When frame reception is completed, or if frame reception is suspended because of a certain
kind of error, the E-DMAC performs write-back to the relevant descriptor (RFP = 11 or 01), and
then ends the receive processing. The E-DMAC then reads the next descriptor and enters the
receive-standby state again.
To receive frames continuously, the receive enable control bit (RNC) must be set to 1 in the
receive control register (RCR). After initialization, this bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com