Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 501Page - Renesas Technology Corp SH7672 Datasheet HTML 502Page - Renesas Technology Corp SH7672 Datasheet HTML 503Page - Renesas Technology Corp SH7672 Datasheet HTML 504Page - Renesas Technology Corp SH7672 Datasheet HTML 505Page - Renesas Technology Corp SH7672 Datasheet HTML 506Page - Renesas Technology Corp SH7672 Datasheet HTML 507Page - Renesas Technology Corp SH7672 Datasheet HTML 508Page - Renesas Technology Corp SH7672 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 479 of 1262
REJ09B0437-0100
Table 13.1
Types of Receive Packets and the RCSE State of Receive Data
Frame Type
When Data Is Normal
When Data Is Abnormal
IP version
Option and extension
header
RCS[15:0]
RCSE
RCS[15:0]
RCSE
None
16'hFFFF
16'h0000
0
Undefined
1
Fragment
Undefined
Undefined Undefined
Undefined
IPv4
Option
16'hFFFF
16'h0000
0
Undefined
1
None
16'hFFFF
16'h0000
0
Undefined
1
Hop-by-hop
16'hFFFF
16'h0000
0
Undefined
1
Routing
16'hFFFF
16'h0000
0
Undefined
1
End-point option
16'hFFFF
16'h0000
0
Undefined
1
AH
16'hFFFF
16'h0000
0
Undefined
1
Fragment
Undefined
Undefined Undefined
Undefined
ESP
16'h0000
1
16'h0000
1
MobileIPv6
16'h0000
1
16'h0000
1
IPv6
Others
16'h0000
1
16'h0000
1
Other than
IPv4 and IPv6
16'h0000
0
16'h0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com