Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 497Page - Renesas Technology Corp SH7672 Datasheet HTML 498Page - Renesas Technology Corp SH7672 Datasheet HTML 499Page - Renesas Technology Corp SH7672 Datasheet HTML 500Page - Renesas Technology Corp SH7672 Datasheet HTML 501Page - Renesas Technology Corp SH7672 Datasheet HTML 502Page - Renesas Technology Corp SH7672 Datasheet HTML 503Page - Renesas Technology Corp SH7672 Datasheet HTML 504Page - Renesas Technology Corp SH7672 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 475 of 1262
REJ09B0437-0100
(2) Receive Descriptor
Figure 13.3 shows the relationship between a receive descriptor and the receive buffer. In frame
reception, the E-DMAC performs data rewriting up to a receive buffer 16-byte boundary,
regardless of the receive frame length. Finally, the actual receive frame length is reported in the
lower 16 bits of RD1 in the descriptor. Data transfer to the receive buffer is performed
automatically by the E-DMAC to give a one frame/one buffer or one frame/multi-buffer
configuration according to the size of one received frame.
Receive descriptor
Receive buffer
Valid receive data
RFS9 to
RFS0
RCS15 to RCS0
RD0
RBL
RDL
RD1
RBA
Padding (4 bytes)
RD2
31 30 29 28 27 26 25
1615
0
31
16
31
0
15
0
Figure 13.3 Relationship between Receive Descriptor and Receive Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com