Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 496Page - Renesas Technology Corp SH7672 Datasheet HTML 497Page - Renesas Technology Corp SH7672 Datasheet HTML 498Page - Renesas Technology Corp SH7672 Datasheet HTML 499Page - Renesas Technology Corp SH7672 Datasheet HTML 500Page - Renesas Technology Corp SH7672 Datasheet HTML 501Page - Renesas Technology Corp SH7672 Datasheet HTML 502Page - Renesas Technology Corp SH7672 Datasheet HTML 503Page - Renesas Technology Corp SH7672 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 474 of 1262
REJ09B0437-0100
(b) Transmit Descriptor 1 (TD1)
TD1 specifies the transmit buffer length (maximum 64 Kbytes).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
TDL[15:0]

Bit
Bit Name
Initial
value
R/W
Description
31 to 16
TDL[15:0]
All 0
R/W
Transmit Buffer Data Length
These bits specify the valid transfer byte length in the
corresponding transmit buffer.
When the one frame/multi-buffer system is specified
(TD0 and TFP = 10 or 00), the transfer byte length
specified in the descriptors at the start and midway
can be set in byte units.
15 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
(c)
Transmit Descriptor 2 (TD2)
TD2 specifies the 32-bit transmit buffer start address. The transmit buffer start address setting can
be aligned with a byte, a word, or a longword boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com