Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 522Page - Renesas Technology Corp SH7672 Datasheet HTML 523Page - Renesas Technology Corp SH7672 Datasheet HTML 524Page - Renesas Technology Corp SH7672 Datasheet HTML 525Page - Renesas Technology Corp SH7672 Datasheet HTML 526Page - Renesas Technology Corp SH7672 Datasheet HTML 527Page - Renesas Technology Corp SH7672 Datasheet HTML 528Page - Renesas Technology Corp SH7672 Datasheet HTML 529Page - Renesas Technology Corp SH7672 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1292 page
background image
Section 14 DMAC That Works with Encryption/Decryption and Forward Error Correction Core (A-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 500 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
8
C[i]C_VLD
0
R/W
Variable-Length Descriptor Control Flag
0: Fixed-length descriptor (32 bytes)
1: Variable-length descriptor (16/32 bytes)
The A-DMAC channel uses the 32-byte fixed length
structure or 16/32-byte variable-length structure. If
this bit is set to 0 to define the descriptor as the
fixed-length, the descriptor is always read as 32
bytes. If this bit is set to 1 to define the descriptor as
the variable-length, the first 16 bytes are read, and if
r_cid4/r_cid5/r_cid6/r_cid7 information is required,
the remaining 16 bytes are read according to the
contents of r_cidm/r_cihm.
7 to 5
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
C[i]C_EIE
0
R/W
"Processing End" Interrupt Request Enable
When processing ends, specifies whether to enable
or disable the "processing end" interrupt request.
0: Disables the "processing end" interrupt request.
1: Enables the "processing end" interrupt request.
A-DMAC channel [i] processing end means fetching
of depleted descriptors (invalid descriptors
(descriptors where C[i]F0 is set to 0)).
3 to 1
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com