Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 98Page - Renesas Technology Corp SH7672 Datasheet HTML 99Page - Renesas Technology Corp SH7672 Datasheet HTML 100Page - Renesas Technology Corp SH7672 Datasheet HTML 101Page - Renesas Technology Corp SH7672 Datasheet HTML 102Page - Renesas Technology Corp SH7672 Datasheet HTML 103Page - Renesas Technology Corp SH7672 Datasheet HTML 104Page - Renesas Technology Corp SH7672 Datasheet HTML 105Page - Renesas Technology Corp SH7672 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1292 page
background image
Section 3
Floating-Point Unit (FPU)
Rev. 1.00
Nov. 14, 2007
Page 76 of 1262
REJ09B0437-0100
3.2
Data Formats
3.2.1
Floating-Point Format
A floating-point number consists of the following three fields:
• Sign (s)
• Exponent (e)
• Fraction (f)
This LSI can handle single-precision and double-precision floating-point numbers, using the
formats shown in figures 3.1 and 3.2.
31
30
23
22
0
s
e
f
Figure 3.1
Format of Single-Precision Floating-Point Number
63
62
52
51
0
s
e
f
Figure 3.2
Format of Double-Precision Floating-Point Number
The exponent is expressed in biased form, as follows:
e = E + bias
The range of unbiased exponent E is E
min – 1 to Emax + 1. The two values Emin – 1 and Emax + 1 are
distinguished as follows. E
min – 1 indicates zero (both positive and negative sign) and a
denormalized number, and E
max + 1 indicates positive or negative infinity or a non-number (NaN).
Table 3.1 shows E
min and Emax values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com