Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 120Page - Renesas Technology Corp SH7672 Datasheet HTML 121Page - Renesas Technology Corp SH7672 Datasheet HTML 122Page - Renesas Technology Corp SH7672 Datasheet HTML 123Page - Renesas Technology Corp SH7672 Datasheet HTML 124Page - Renesas Technology Corp SH7672 Datasheet HTML 125Page - Renesas Technology Corp SH7672 Datasheet HTML 126Page - Renesas Technology Corp SH7672 Datasheet HTML 127Page - Renesas Technology Corp SH7672 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 98 of 1262
REJ09B0437-0100
4.3.2
Read Access
(1)
Read Hit
In a read access, data is transferred from the cache to the CPU. LRU is updated so that the hit way
is the latest.
(2)
Read Miss
An external bus cycle starts and the entry is updated. The way replaced follows table 4.4. Entries
are updated in 16-byte units. When the desired data that caused the miss is loaded from external
memory to the cache, the data is transferred to the CPU in parallel with being loaded to the cache.
When it is loaded in the cache, the V bit is set to 1, and LRU is updated so that the replaced way
becomes the latest. In operand cache, the U bit is additionally cleared to 0. When the U bit of the
entry to be replaced by updating the entry in write-back mode is 1, the cache update cycle starts
after the entry is transferred to the write-back buffer. After the cache completes its update cycle,
the write-back buffer writes the entry back to the memory. The write-back unit is 16 bytes.
4.3.3
Prefetch Operation (Only for Operand Cache)
(1)
Prefetch Hit
LRU is updated so that the hit way becomes the latest. The contents in other caches are not
modified. No data is transferred to the CPU.
(2)
Prefetch Miss
No data is transferred to the CPU. The way to be replaced follows table 4.3. Other operations are
the same in case of read miss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com