Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 168Page - Renesas Technology Corp SH7672 Datasheet HTML 169Page - Renesas Technology Corp SH7672 Datasheet HTML 170Page - Renesas Technology Corp SH7672 Datasheet HTML 171Page - Renesas Technology Corp SH7672 Datasheet HTML 172Page - Renesas Technology Corp SH7672 Datasheet HTML 173Page - Renesas Technology Corp SH7672 Datasheet HTML 174Page - Renesas Technology Corp SH7672 Datasheet HTML 175Page - Renesas Technology Corp SH7672 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 146 of 1262
REJ09B0437-0100
6.5
Interrupt Exception Handling Vector Table and Priority
Table 6.4 lists interrupt sources and their vector numbers, vector table address offsets, and
interrupt priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from the vector numbers and vector table address offsets. In
interrupt exception handling, the interrupt exception service routine start address is fetched from
the vector table indicated by the vector table address. For details of calculation of the vector table
address, see table 5.4, Calculating Exception Handling Vector Table Addresses, in section 5,
Exception Handling.
The priorities of IRQ interrupts, and on-chip peripheral module interrupts can be set freely
between 0 and 15 for each pin or module by setting interrupt priority registers 01, 02, and 06 to 16
(IPR01, IPR02, and IPR06 to IPR16). However, if two or more interrupts specified by the same
IPR among IPR06 to IPR16 occur, the priorities are defined as shown in the IPR setting unit
internal priority of table 6.4, and the priorities cannot be changed. A power-on reset assigns
priority level 0 to IRQ interrupts, and on-chip peripheral module interrupts. If the same priority
level is assigned to two or more interrupt sources and interrupts from those sources occur
simultaneously, they are processed by the default priorities indicated in table 6.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com