Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 174Page - Renesas Technology Corp SH7672 Datasheet HTML 175Page - Renesas Technology Corp SH7672 Datasheet HTML 176Page - Renesas Technology Corp SH7672 Datasheet HTML 177Page - Renesas Technology Corp SH7672 Datasheet HTML 178Page - Renesas Technology Corp SH7672 Datasheet HTML 179Page - Renesas Technology Corp SH7672 Datasheet HTML 180Page - Renesas Technology Corp SH7672 Datasheet HTML 181Page - Renesas Technology Corp SH7672 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 152 of 1262
REJ09B0437-0100
Notes: The interrupt source flag should be cleared in the interrupt handler. After clearing the
interrupt source flag, "time from occurrence of interrupt request until interrupt controller
identifies priority, compares it with mask bits in SR, and sends interrupt request signal to
CPU" shown in table 6.5 is required before the interrupt source sent to the CPU is actually
cancelled. To ensure that an interrupt request that should have been cleared is not
inadvertently accepted again, read the interrupt source flag after it has been cleared, and
then execute an RTE instruction.
* Interrupt requests that are designated as edge-sensing are held pending until the
interrupt requests are accepted. IRQ interrupts, however, can be cancelled by accessing
the IRQ interrupt request register (IRQRR). For details, see section 6.4.4, IRQ
Interrupts.
Interrupts held pending due to edge-sensing are cleared by a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com