Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 299Page - Renesas Technology Corp SH7672 Datasheet HTML 300Page - Renesas Technology Corp SH7672 Datasheet HTML 301Page - Renesas Technology Corp SH7672 Datasheet HTML 302Page - Renesas Technology Corp SH7672 Datasheet HTML 303Page - Renesas Technology Corp SH7672 Datasheet HTML 304Page - Renesas Technology Corp SH7672 Datasheet HTML 305Page - Renesas Technology Corp SH7672 Datasheet HTML 306Page - Renesas Technology Corp SH7672 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 277 of 1262
REJ09B0437-0100
7.5.7
PCMCIA Interface
With this LSI, areas 5 and 6 can be used for the IC memory card and I/O card interface defined in
the JEIDA specifications version 4.2 (PCMCIA2.1 Rev. 2.1) by specifying bits TYPE[2:0] in
CSnBCR (n = 5 and 6) to B'101. In addition, the bits SA[1:0] in CSnWCR (n = 5 and 6) assign the
upper or lower 32 Mbytes of each area to IC memory card or I/O card interface. For example, if
the bits SA1 and SA0 in CS5WCR are set to 1 and cleared to 0, respectively, the upper 32 Mbytes
of area 5 are used for IC memory card interface and the lower 32 Mbytes are used for I/O card
interface.
When the PCMCIA interface is used, the bus size must be specified as 8 bits or 16 bits using the
bits BSZ[1:0] in CS5BCR or CS6BCR.
Figure 7.36 shows an example of connection between this LSI and a PCMCIA card. To enable hot
swapping (insertion and removal of the PCMCIA card with the system power turned on), tri-state
buffers must be connected between the LSI and the PCMCIA card.
In the JEIDA and PCMCIA standards, operation in big endian mode is not clearly defined.
Consequently, the provided PCMCIA interface in big endian mode is available only for this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com