Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 301Page - Renesas Technology Corp SH7672 Datasheet HTML 302Page - Renesas Technology Corp SH7672 Datasheet HTML 303Page - Renesas Technology Corp SH7672 Datasheet HTML 304Page - Renesas Technology Corp SH7672 Datasheet HTML 305Page - Renesas Technology Corp SH7672 Datasheet HTML 306Page - Renesas Technology Corp SH7672 Datasheet HTML 307Page - Renesas Technology Corp SH7672 Datasheet HTML 308Page - Renesas Technology Corp SH7672 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 279 of 1262
REJ09B0437-0100
(1)
Basic Timing for Memory Card Interface
Figure 7.37 shows the basic timing of the PCMCIA IC memory card interface. When areas 5 and 6
are specified as the PCMCIA interface, the bus is accessed with the IC memory card interface
according to the SA[1:0] bit settings in CS5WCR and CS6WCR. If the external bus frequency
(CKIO) increases, the setup times and hold times for the address pins (A25 to A0), card enable
signals (
CE1A, CE2A, CE1B, CE2B), and write data (D15 to D0) to the RD and WE signals
become insufficient. To prevent this error, this LSI enables the setup times and hold times for
areas 5 and 6 to be specified independently, using CS5WCR and CS6WCR. In the PCMCIA
interface, as in the normal space interface, a software wait or hardware wait using the
WAIT pin
can be inserted. Figure 7.38 shows the PCMCIA memory bus wait timing.
Tpcm1w
CKIO
A25 to A0
CExx
RD/
WR
RD
D15 to D0
WE
D15 to D0
BS
Read
Write
Tpcm2
Tpcm1
Tpcm1w
Tpcm1w
Figure 7.37
Basic Access Timing for PCMCIA Memory Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com