Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 304Page - Renesas Technology Corp SH7672 Datasheet HTML 305Page - Renesas Technology Corp SH7672 Datasheet HTML 306Page - Renesas Technology Corp SH7672 Datasheet HTML 307Page - Renesas Technology Corp SH7672 Datasheet HTML 308Page - Renesas Technology Corp SH7672 Datasheet HTML 309Page - Renesas Technology Corp SH7672 Datasheet HTML 310Page - Renesas Technology Corp SH7672 Datasheet HTML 311Page - Renesas Technology Corp SH7672 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 282 of 1262
REJ09B0437-0100
(2)
Basic Timing for I/O Card Interface
Figures 7.40 and 7.41 show the basic timing for the PCMCIA I/O card interface.
When accessing an I/O card through the PCMCIA interface, be sure to access the space as cache-
disabled.
Switching between I/O card and IC memory card interfaces in the respective address spaces is
accomplished by the SA[1:0] bit settings in CS5WCR and CS6WCR.
The
IOIS16 pin can be used for dynamic adjustment of the width of the I/O bus in access to an I/O
card via the PCMCIA interface when little endian mode has been selected. When the bus width of
area 5 or 6 is set to 16 bits and the
IOIS16 signal is driven high during a cycle of word-unit access
to the I/O card bus, the bus width will be recognized as 8 bits and only 8 bits of data will be
accessed during the current cycle of the I/O card bus. Operation will automatically continue with
access to the remaining 8 bits of data.
The
IOIS16 signal is sampled on falling edges of the CKIO in Tpci0 as well as all Tpci0w cycles
for which the TED3 to TED0 bits are set to 1.5 cycles or more, and the
CE2A and CE2B signals
are updated after 1.5 cycles of the CKIO signal from the sampling point of Tpci0. Ensure that the
IOIS16 signal is defined at all sampling points and does not change along the way.
Set the TED3 to TED0 bits to satisfy the requirement of the PC card in use with regard to setup
timing from
ICIORD or ICIOWR to CE1 or CE2.
The basic waveforms for dynamic bus-size adjustment are shown in figure 7.41.
Since the
IOIS16 signal is not supported in big endian mode, the IOIS16 signal should be fixed to
the low level when big endian mode has been selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com