Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 306Page - Renesas Technology Corp SH7672 Datasheet HTML 307Page - Renesas Technology Corp SH7672 Datasheet HTML 308Page - Renesas Technology Corp SH7672 Datasheet HTML 309Page - Renesas Technology Corp SH7672 Datasheet HTML 310Page - Renesas Technology Corp SH7672 Datasheet HTML 311Page - Renesas Technology Corp SH7672 Datasheet HTML 312Page - Renesas Technology Corp SH7672 Datasheet HTML 313Page - Renesas Technology Corp SH7672 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 284 of 1262
REJ09B0437-0100
7.5.8
Wait between Access Cycles
As the operating frequency of LSIs becomes higher, the off-operation of the data buffer often
collides with the next data access when the read operation from devices with slow access speed is
completed. As a result of these collisions, the reliability of the device is low and malfunctions may
occur. A function that avoids data collisions by inserting idle (wait) cycles between continuous
access cycles has been newly added.
The number of wait cycles between access cycles can be set by the WM bit in CSnWCR, bits
IWW2 to IWW0, IWRWD2 to IWRWD0, IWRWS2 to IWRWS0, IWRRD2 to IWRRD0, and
IWRRS2 to IWRRS 0 in CSnBCR, and bits DMAIW2 to DMAIW0 and DMAIWA in CMNCR.
The conditions for setting the idle cycles between access cycles are shown below.
1. Continuous access cycles are write-read or write-write
2. Continuous access cycles are read-write for different spaces
3. Continuous access cycles are read-write for the same space
4. Continuous access cycles are read-read for different spaces
5. Continuous access cycles are read-read for the same space
6. Data output from an external device caused by DMA single address transfer is followed by
data output from another device that includes this LSI (DMAIWA = 0)
7. Data output from an external device caused by DMA single address transfer is followed by any
type of access (DMAIWA = 1)
For the specification of the number of idle cycles between access cycles described above, refer to
the description of each register.
Besides the idle cycles between access cycles specified by the registers, idle cycles must be
inserted to interface with the internal bus or to obtain the minimum pulse width for a multiplexed
pin (
WEn). The following gives detailed information about the idle cycles and describes how to
estimate the number of idle cycles.
The number of idle cycles on the external bus from
CSn negation to CSn or CSm assertion is
described below. Here,
CSn and CSm also include CE2A and CE2B for PCMCIA.
There are eight conditions that determine the number of idle cycles on the external bus as shown
in table 7.20. The effects of these conditions are shown in figure 7.42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com