Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 310Page - Renesas Technology Corp SH7672 Datasheet HTML 311Page - Renesas Technology Corp SH7672 Datasheet HTML 312Page - Renesas Technology Corp SH7672 Datasheet HTML 313Page - Renesas Technology Corp SH7672 Datasheet HTML 314Page - Renesas Technology Corp SH7672 Datasheet HTML 315Page - Renesas Technology Corp SH7672 Datasheet HTML 316Page - Renesas Technology Corp SH7672 Datasheet HTML 317Page - Renesas Technology Corp SH7672 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 288 of 1262
REJ09B0437-0100
Table 7.21
Minimum Number of Idle Cycles on Internal Bus (CPU Operation)
Clock Ratio (I
φ:Bφ)
CPU Operation
8:1
6:1
4:1
3:1
2:1
1:1
Write
→ write
1
1
2
2
2
3
Write
→ read
0
0
0
0
0
1
Read
→ write
1
1
2
2
2
3
Read
→ read
0
0
0
0
0
1
Table 7.22
Minimum Number of Idle Cycles on Internal Bus (DMAC Operation)
Transfer Mode
DMAC Operation
Dual Address
Single Address
Write
→ write
0
2
Write
→ read
0 or 2
0
Read
→ write
0
0
Read
→ read
0
2
Notes: 1. The write
→ write and read → read columns in dual address transfer indicate the cycles
in the divided access cycles.
2. For the write
→ read cycles in dual address transfer, 0 means different channels are
activated successively and 2 means when the same channel is activated successively.
3. The write
→ read and read → write columns in single address transfer indicate the case
when different channels are activated successively. The "write" means transfer from a
device with DACK to external memory and the "read" means transfer from external
memory to a device with DACK.
Table 7.23
Number of Idle Cycles Inserted between Access Cycles to Different Memory
Types
Next Cycle
Previous Cycle
SRAM
Byte SRAM (BAS = 0)
Byte SRAM (BAS = 1)
SDRAM
PCMCIA
SRAM
0
0
1
1
0
Byte SRAM (BAS = 0)
0
0
1
1
0
Byte SRAM (BAS = 1)
1
1
0
0
1
SDRAM
1
1
0
0
1
PCMCIA
0
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com