Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 314Page - Renesas Technology Corp SH7672 Datasheet HTML 315Page - Renesas Technology Corp SH7672 Datasheet HTML 316Page - Renesas Technology Corp SH7672 Datasheet HTML 317Page - Renesas Technology Corp SH7672 Datasheet HTML 318Page - Renesas Technology Corp SH7672 Datasheet HTML 319Page - Renesas Technology Corp SH7672 Datasheet HTML 320Page - Renesas Technology Corp SH7672 Datasheet HTML 321Page - Renesas Technology Corp SH7672 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 292 of 1262
REJ09B0437-0100
(3)
On-Chip Peripheral Module Access
To access an on-chip module register, two or more peripheral module clock (P
φ) cycles are
required. Care must be taken in system design.
When the CPU writes data to the internal peripheral registers, the CPU performs the succeeding
instructions without waiting for the completion of writing to registers.
For example, a case is described here in which the system is transferring to the software standby
mode for power savings. To make this transition, the SLEEP instruction must be performed after
setting the STBY bit in the STBCR register to 1. However a dummy read of the STBCR register is
required before executing the SLEEP instruction. If a dummy read is omitted, the CPU executes
the SLEEP instruction before the STBY bit is set to 1, thus the system enters sleep mode not
software standby mode. A dummy read of the STBCR register is indispensable to complete
writing to the STBY bit.
To reflect the change by internal peripheral registers while performing the succeeding instructions,
execute a dummy read of registers to which write instruction is given and then perform the
succeeding instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com