Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 318Page - Renesas Technology Corp SH7672 Datasheet HTML 319Page - Renesas Technology Corp SH7672 Datasheet HTML 320Page - Renesas Technology Corp SH7672 Datasheet HTML 321Page - Renesas Technology Corp SH7672 Datasheet HTML 322Page - Renesas Technology Corp SH7672 Datasheet HTML 323Page - Renesas Technology Corp SH7672 Datasheet HTML 324Page - Renesas Technology Corp SH7672 Datasheet HTML 325Page - Renesas Technology Corp SH7672 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 296 of 1262
REJ09B0437-0100
8.2
Input/Output Pins
The external pins for DMAC are described below. Table 8.1 lists the configuration of the pins that
are connected to external bus. DMAC has pins for two channels (channels 0 and 1) for external
bus use.
Table 8.1
Pin Configuration
Channel Name
Abbreviation
I/O
Function
DMA transfer request
DREQ0
I
DMA transfer request input from an
external device to channel 0
0
DMA transfer request
acknowledge
DACK0
O
DMA transfer request acknowledge
output from channel 0 to an external
device
DMA transfer request
DREQ1
I
DMA transfer request input from an
external device to channel 1
1
DMA transfer request
acknowledge
DACK1
O
DMA transfer request acknowledge
output from channel 1 to an external
device
0
DMA transfer end
TEND0
O
DMA transfer end output for channel 0
1
DMA transfer end
TEND1
O
DMA transfer end output for channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com