Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 309Page - Renesas Technology Corp SH7672 Datasheet HTML 310Page - Renesas Technology Corp SH7672 Datasheet HTML 311Page - Renesas Technology Corp SH7672 Datasheet HTML 312Page - Renesas Technology Corp SH7672 Datasheet HTML 313Page - Renesas Technology Corp SH7672 Datasheet HTML 314Page - Renesas Technology Corp SH7672 Datasheet HTML 315Page - Renesas Technology Corp SH7672 Datasheet HTML 316Page - Renesas Technology Corp SH7672 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 287 of 1262
REJ09B0437-0100
In the above conditions, a total of four conditions, that is, condition [1] or [2] (either one is
effective), condition [3] or [4] (either one is effective), a set of conditions [5] to [7] (these are
generated successively, and therefore the sum of them should be taken as one set of idle cycles),
and condition [8] are generated at the same time. The maximum number of idle cycles among
these four conditions become the number of idle cycles on the external bus. To ensure the
minimum idle cycles, be sure to make register settings for condition [1] or [2].
CKIO
CSn
Previous access
External bus idle cycles
Idle cycle after access
Either one of them
is effective
[1] DMAIW[2:0] setting in CMNCR
[2] IWW[2:0] setting in CSnBCR
IWRWD[2:0] setting in CSnBCR
IWRWS[2:0] setting in CSnBCR
IWRRD[2:0] setting in CSnBCR
IWRRS[2:0] setting in CSnBCR
[3] WTRP[1:0] setting in CSnWCR
TRWL[1:0] setting in CSnWCR
WTRC[1:0] setting in CSnWCR
[4] WM setting in CSnWCR
[6] Internal bus idle cycles, etc.
[8] Idle cycles
between
different
memory types
[5] Read
data
transfer
[7] Write
data
wait
Idle cycle before access
Next access
Condition [1] or [2]
A total of four conditions (condition [1] or [2], condition [3] or [4], a set of conditions [5] to [7],
and condition [8]) generate idle cycle at the same time. Accordingly, the maximum number of
cycles among these four conditions become the number of idle cycles.
Note:
Condition [8]
Condition [3] or [4]
Set of conditions
[5] to [7]
Either one of them
is effective
Figure 7.42
Idle Cycle Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com