Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 110Page - Renesas Technology Corp 38K2 Datasheet HTML 111Page - Renesas Technology Corp 38K2 Datasheet HTML 112Page - Renesas Technology Corp 38K2 Datasheet HTML 113Page - Renesas Technology Corp 38K2 Datasheet HTML 114Page - Renesas Technology Corp 38K2 Datasheet HTML 115Page - Renesas Technology Corp 38K2 Datasheet HTML 116Page - Renesas Technology Corp 38K2 Datasheet HTML 117Page - Renesas Technology Corp 38K2 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 95 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
PLL CIRCUIT (FREQUENCY SYNTHESIZER)
The PLL circuit generates fVCO (PLL output clock), which is re-
quired for fUSB (USB clock) and fSYN (fUSB division clock), from
f(XIN) (external input reference clock). Figure 139 shows the PLL
circuit block diagram.
It is possible to input 6 or 12 MHz clock from the externals as a
standard clock input. When using the USB function, set the PLL
operation mode selection bit so that fvco may be set to 48 MHz.
The PLL circuit operates by setting the PLL operation enable bit to
“1”. When supplying fVCO to the USB block, wait for the oscillation
stable time (1ms or less) of PLL before selecting fVCO with the
USB clock selection bit.
According to the setting of the USB clock division ratio selection
bit, the division clock of fUSB is supplied to fSYN. When using this
clock as system clock, set the USB clock division ratio selection
bit so that it may be set to 6 MHz, 8 MHz or 12 MHz. (However,
using it only when fUSB is 48MHz is recommended).
Fig. 139 Block diagram of PLL circuit
PLL
fUSB
f(XIN)
fVCO
PLLCON
Division circuit
fSYN
(address 0FF816)
USBCON
(address 001016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com