Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 138Page - Renesas Technology Corp 38K2 Datasheet HTML 139Page - Renesas Technology Corp 38K2 Datasheet HTML 140Page - Renesas Technology Corp 38K2 Datasheet HTML 141Page - Renesas Technology Corp 38K2 Datasheet HTML 142Page - Renesas Technology Corp 38K2 Datasheet HTML 143Page - Renesas Technology Corp 38K2 Datasheet HTML 144Page - Renesas Technology Corp 38K2 Datasheet HTML 145Page - Renesas Technology Corp 38K2 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 123 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
qStatus Register 1 (SRD1)
The status register 1 indicates the status of serial communica-
tions, results from ID checks and results from check sum
comparisons. It can be read after the SRD by writing the read sta-
tus register command (7016). Also, status register 1 is cleared by
writing the clear status register command (5016).
Table 15 lists the definition of each status register 1 bit. This regis-
ter becomes “0016” when power is turned on and the flag status is
maintained even after the reset.
Table 15 Status register 1 (SRD1)
00
Not verified
01
Verification mismatch
10
Reserved
11
Verified
SR15 (bit7)
SR14 (bit6)
SR13 (bit5)
SR12 (bit4)
SR11 (bit3)
SR10 (bit2)
SR9 (bit1)
SR8 (bit0)
Boot update completed bit
Reserved
Reserved
Checksum match bit
ID check completed bits
Data reception time out
Reserved
“1”
Update completed
-
-
Match
Time out
-
“0”
Not Update
-
-
Mismatch
Normal operation
-
Definition
SRD1 bits
Status name
•Boot update completed bit (SR15)
This flag indicates whether the control program was downloaded
to the RAM or not, using the download function.
•Check sum consistency bit (SR12)
This flag indicates whether the check sum matches or not when a
program, is downloaded for execution using the download func-
tion.
•ID check completed bits (SR11 and SR10)
These flags indicate the result of ID checks. Some commands
cannot be accepted without an ID check.
•Data reception time out (SR9)
This flag indicates when a time out error is generated during data
reception. If this flag is attached during data reception, the re-
ceived data is discarded and the MCU returns to the command
wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com