Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 140Page - Renesas Technology Corp 38K2 Datasheet HTML 141Page - Renesas Technology Corp 38K2 Datasheet HTML 142Page - Renesas Technology Corp 38K2 Datasheet HTML 143Page - Renesas Technology Corp 38K2 Datasheet HTML 144Page - Renesas Technology Corp 38K2 Datasheet HTML 145Page - Renesas Technology Corp 38K2 Datasheet HTML 146Page - Renesas Technology Corp 38K2 Datasheet HTML 147Page - Renesas Technology Corp 38K2 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 125 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Example Circuit Application for Standard Serial I/
O Mode
Figure 166 shows a circuit application for the standard serial I/O
mode. Control pins will vary according to a programmer, therefore
see a programmer manual for more information.
SRDY (BUSY)
SCLK
RxD
TxD
CNVss
Clock input
BUSY output
Data input
Data output
M38K29F8L
Notes 1: Control pins and external circuitry will vary according to a programmer. For more
information, see the programmer manual.
2: In this example, the VPP power supply is supplied from an external source (programmer).
To use the user’s power source, connect to 4.5 V to 5.25 V.
VPP power
source input
VCC
VCC
P16 (CE)
Fig. 166 Example circuit application for standard serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com