Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 291Page - Renesas Technology Corp 38K2 Datasheet HTML 292Page - Renesas Technology Corp 38K2 Datasheet HTML 293Page - Renesas Technology Corp 38K2 Datasheet HTML 294Page - Renesas Technology Corp 38K2 Datasheet HTML 295Page - Renesas Technology Corp 38K2 Datasheet HTML 296Page - Renesas Technology Corp 38K2 Datasheet HTML 297Page - Renesas Technology Corp 38K2 Datasheet HTML 298Page - Renesas Technology Corp 38K2 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 358 page
background image
3.3 Countermeasures against noise
Rev.2.00
Oct 15, 2006
page 34 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
(5)
Wiring to VPP pin of Flash memory version
Connect an approximately 5 k
Ω resistor to the VPP pin the shortest possible in series and also to the
VSS pin. When not connecting the resistor, make the length of wiring between the VPP pin and the
VSS pin the shortest possible.
Note: Even when a circuit which included an approximately 5 k
Ω resistor is used in the Mask ROM
version, the microcomputer operates correctly.
q Reason
The VPP pin of the flash memory version is the power source input pin for the built-in flash
memory. When programming in the built-in flash memory, the impedance of the VPP pin is low to
allow the electric current for writing flow into the flash memory. Because of this, noise can enter
easily. If noise enters the VPP pin, abnormal instruction codes or data are read from the built-in
flash memory, which may cause a program runaway.
Fig. 3.3.5 Wiring for the VPP pin of the flash memory version
3.3.2 Connection of bypass capacitor across VSS line and VCC line
Connect an approximately 0.1
µF bypass capacitor across the VSS line and the VCC line as follows:
• Connect a bypass capacitor across the VSS pin and the VCC pin at equal length.
• Connect a bypass capacitor across the VSS pin and the VCC pin with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for VSS line and VCC line.
• Connect the power source wiring via a bypass capacitor to the VSS pin and the VCC pin.
CNVSS/VPP
VSS
In the shortest
distance
Approximately
5k
Ω
Fig. 3.3.6 Bypass capacitor across the VSS line and the VCC line
VSS
VCC
VSS
VCC
N.G.O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com