Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 456Page - Renesas Technology Corp HD6432148SW Datasheet HTML 457Page - Renesas Technology Corp HD6432148SW Datasheet HTML 458Page - Renesas Technology Corp HD6432148SW Datasheet HTML 459Page - Renesas Technology Corp HD6432148SW Datasheet HTML 460Page - Renesas Technology Corp HD6432148SW Datasheet HTML 461Page - Renesas Technology Corp HD6432148SW Datasheet HTML 462Page - Renesas Technology Corp HD6432148SW Datasheet HTML 463Page - Renesas Technology Corp HD6432148SW Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 416 of 1130
REJ09B0327-0400
14.3
Operation
14.3.1
Watchdog Timer Operation
To use the WDT as a watchdog timer, set the WT/
IT and TME bits in TCSR to 1. Software must
prevent TCNT overflows by rewriting the TCNT value (normally by writing H'00) before
overflow occurs. This ensures that TCNT does not overflow while the system is operating
normally. If TCNT overflows without being rewritten because of a system crash or other error, an
internal reset or NMI interrupt request is generated.
When the RST/
NMI bit is set to 1, the chip is reset for 518 system clock periods (518 φ) by a
counter overflow, and at the same time a low-level signal is output from the
RESO pin for 132
states. This is illustrated in figure 14.3. The system can be reset using this
RESO signal.
When the RST/
NMI bit cleared to 0, an NMI interrupt request is generated by a counter overflow.
In this case, the
RESO output signal remains high.
An internal reset request from the watchdog timer and reset input from the
RES pin are handled
via the same vector. The reset source can be identified from the value of the XRST bit in SYSCR.
If a reset caused by an input signal from the
RES pin and a reset caused by WDT overflow occur
simultaneously, the
RES pin reset has priority, and the XRST bit in SYSCR is set to 1.
An NMI interrupt request from the watchdog timer and an interrupt request from the NMI pin are
handled via the same vector. Simultaneous handling of a watchdog timer NMI interrupt request
and an NMI pin interrupt request must therefore be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com