Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 457Page - Renesas Technology Corp HD6432148SW Datasheet HTML 458Page - Renesas Technology Corp HD6432148SW Datasheet HTML 459Page - Renesas Technology Corp HD6432148SW Datasheet HTML 460Page - Renesas Technology Corp HD6432148SW Datasheet HTML 461Page - Renesas Technology Corp HD6432148SW Datasheet HTML 462Page - Renesas Technology Corp HD6432148SW Datasheet HTML 463Page - Renesas Technology Corp HD6432148SW Datasheet HTML 464Page - Renesas Technology Corp HD6432148SW Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 417 of 1130
REJ09B0327-0400
TCNT value
H'00
Time
H'FF
WT/
IT = 1
TME = 1
H'00 written
to TCNT
WT/
IT = 1
TME = 1
H'00 written
to TCNT
518 system
clock periods
Internal reset signal
Legend:
Overflow
RESO and internal
reset generated
OVF = 1*
RESO signal
WT/
IT: Timer mode select bit
TME:
Timer enable bit
OVF:
Overflow flag
Note: * Cleared to 0 by an internal reset when OVF is set to 1. XRST is cleared to 0.
132 system
clock periods
Figure 14.3 Operation in Watchdog Timer Mode (RST/
NMI
NMI
NMI
NMI = 1)
14.3.2
Interval Timer Operation
To use the WDT as an interval timer, clear the WT/
IT bit in TCSR to 0 and set the TME bit to 1.
An interval timer interrupt (WOVI) is generated each time TCNT overflows, provided that the
WDT is operating as an interval timer, as shown in figure 14.4. This function can be used to
generate interrupt requests at regular intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com