Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 459Page - Renesas Technology Corp HD6432148SW Datasheet HTML 460Page - Renesas Technology Corp HD6432148SW Datasheet HTML 461Page - Renesas Technology Corp HD6432148SW Datasheet HTML 462Page - Renesas Technology Corp HD6432148SW Datasheet HTML 463Page - Renesas Technology Corp HD6432148SW Datasheet HTML 464Page - Renesas Technology Corp HD6432148SW Datasheet HTML 465Page - Renesas Technology Corp HD6432148SW Datasheet HTML 466Page - Renesas Technology Corp HD6432148SW Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 419 of 1130
REJ09B0327-0400
14.3.4
RESO
RESO
RESO
RESO Signal Output Timing
When TCNT overflows in watchdog timer mode, the OVF bit is set to 1 in TCSR. If the RST/
NMI
bit is 1 at this time, an internal reset signal is generated for the entire chip, and at the same time a
low-level signal is output from the
RESO pin. The timing is shown in figure 14.6.
φ
TCNT
H'FF
H'00
132 states
518 states
Overflow signal
(internal signal)
OVF
RESO signal
Internal reset
signal
Figure 14.6
RESO
RESO
RESO
RESO Signal Output Timing
14.4
Interrupts
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine. When NMI interrupt request generation is selected in
watchdog timer mode, an overflow generates an NMI interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com