Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 122Page - Renesas Technology Corp HD6432148SW Datasheet HTML 123Page - Renesas Technology Corp HD6432148SW Datasheet HTML 124Page - Renesas Technology Corp HD6432148SW Datasheet HTML 125Page - Renesas Technology Corp HD6432148SW Datasheet HTML 126Page - Renesas Technology Corp HD6432148SW Datasheet HTML 127Page - Renesas Technology Corp HD6432148SW Datasheet HTML 128Page - Renesas Technology Corp HD6432148SW Datasheet HTML 129Page - Renesas Technology Corp HD6432148SW Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 1177 page
background image
Section 2 CPU
Rev. 4.00 Sep 27, 2006 page 82 of 1130
REJ09B0327-0400
2.10
Usage Note
2.10.1
TAS Instruction
Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. The TAS
instruction is not generated by the Renesas H8S and H8/300 series C/C++ compilers. If the TAS
instruction is used as a user-defined intrinsic function, ensure that only register ER0, ER1, ER4, or
ER5 is used.
2.10.2
STM/LDM Instruction
ER7 is not used as the register that can be saved (STM)/restored (LDM) when using STM/LDM
instruction, because ER7 is the stack pointer. Two, three, or four registers can be saved/restored by
one STM/LDM instruction. The following ranges can be specified in the register list.
Two registers: ER0—ER1, ER2—ER3, or ER4—ER5
Three registers: ER0—ER2, or ER4—ER6
Four registers: ER0—ER3
The STM/LDM instruction including ER7 is not generated by the Renesas H8S and H8/300 series
C/C++compilers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com