Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 124Page - Renesas Technology Corp HD6432148SW Datasheet HTML 125Page - Renesas Technology Corp HD6432148SW Datasheet HTML 126Page - Renesas Technology Corp HD6432148SW Datasheet HTML 127Page - Renesas Technology Corp HD6432148SW Datasheet HTML 128Page - Renesas Technology Corp HD6432148SW Datasheet HTML 129Page - Renesas Technology Corp HD6432148SW Datasheet HTML 130Page - Renesas Technology Corp HD6432148SW Datasheet HTML 131Page - Renesas Technology Corp HD6432148SW Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 1177 page
background image
Section 3 MCU Operating Modes
Rev. 4.00 Sep 27, 2006 page 84 of 1130
REJ09B0327-0400
3.1.2
Register Configuration
This LSI have a mode control register (MDCR) that indicates the inputs at the mode pins (MD1
and MD0), a system control register (SYSCR) and bus control register (BCR) that control the
operation of the MCU, and a serial/timer control register (STCR) that controls the operation of the
supporting modules. Table 3.2 summarizes these registers.
Table 3.2
MCU Registers
Name
Abbreviation
R/W
Initial Value
Address*
Mode control register
MDCR
R/W
Undetermined
H'FFC5
System control register
SYSCR
R/W
H'09
H'FFC4
Bus control register
BCR
R/W
H'D7
H'FFC6
Serial/timer control register
STCR
R/W
H'00
H'FFC3
Note:
*
Lower 16 bits of the address.
3.2
Register Descriptions
3.2.1
Mode Control Register (MDCR)
7
EXPE
—*
R/W*
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
MDS0
—*
R
2
—
0
—
1
MDS1
—*
R
Note: * Determined by pins MD1 and MD0.
Bit
Initial value
Read/Write
MDCR is an 8-bit read-only register that indicates the operating mode setting and the current
operating mode of the MCU.
The EXPE bit is initialized in coordination with the mode pin states by a reset and in hardware
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com