Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 125Page - Renesas Technology Corp HD6432148SW Datasheet HTML 126Page - Renesas Technology Corp HD6432148SW Datasheet HTML 127Page - Renesas Technology Corp HD6432148SW Datasheet HTML 128Page - Renesas Technology Corp HD6432148SW Datasheet HTML 129Page - Renesas Technology Corp HD6432148SW Datasheet HTML 130Page - Renesas Technology Corp HD6432148SW Datasheet HTML 131Page - Renesas Technology Corp HD6432148SW Datasheet HTML 132Page - Renesas Technology Corp HD6432148SW Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1177 page
background image
Section 3 MCU Operating Modes
Rev. 4.00 Sep 27, 2006 page 85 of 1130
REJ09B0327-0400
Bit 7—Expanded Mode Enable (EXPE): Sets expanded mode. In mode 1, this bit is fixed at 1
and cannot be modified. In modes 2 and 3, this bit has an initial value of 0, and can be read and
written.
Bit 7
EXPE
Description
0
Single chip mode is selected
1
Expanded mode is selected
Bits 6 to 2—Reserved: These bits cannot be modified and are always read as 0.
Bits 1 and 0—Mode Select 1 and 0 (MDS1, MDS0): These bits indicate the input levels at pins
MD1 and MD0 (the current operating mode). Bits MDS1 and MDS0 correspond to MD1 and
MD0. MDS1 and MDS0 are read-only bits—they cannot be written to. The mode pin (MD1 and
MD0) input levels are latched into these bits when MDCR is read.
3.2.2
System Control Register (SYSCR)
7
CS2E
0
R/W
6
IOSE
0
R/W
5
INTM1
0
R
4
INTM0
0
R/W
3
XRST
1
R
0
RAME
1
R/W
2
NMIEG
0
R/W
1
HIE
0
R/W
Bit
Initial value
Read/Write
SYSCR is an 8-bit readable/writable register that performs selection of system pin functions, reset
source monitoring, interrupt control mode selection, NMI detected edge selection, supporting
module pin location selection, supporting module register access control, and RAM address space
control.
Only bits 7, 6, 3, 1, and 0 are described here. For a detailed description of these bits, refer also to
the description of the relevant modules (host interface, bus controller, watchdog timer, RAM,
etc.). For information on bits 5, 4, and 2, see section 5.2.1, System Control Register (SYSCR).
SYSCR is initialized to H'09 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Chip Select 2 Enable (CS2E): Specifies the location of the host interface control pin
(
CS2). For details, see section 18, Host Interface. The H8S/2144 Group does not incorporate a
host interface, so do not set this bit to 1 in the H8S/2144 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com