Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 129Page - Renesas Technology Corp HD6432148SW Datasheet HTML 130Page - Renesas Technology Corp HD6432148SW Datasheet HTML 131Page - Renesas Technology Corp HD6432148SW Datasheet HTML 132Page - Renesas Technology Corp HD6432148SW Datasheet HTML 133Page - Renesas Technology Corp HD6432148SW Datasheet HTML 134Page - Renesas Technology Corp HD6432148SW Datasheet HTML 135Page - Renesas Technology Corp HD6432148SW Datasheet HTML 136Page - Renesas Technology Corp HD6432148SW Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1177 page
background image
Section 3 MCU Operating Modes
Rev. 4.00 Sep 27, 2006 page 89 of 1130
REJ09B0327-0400
Bit 3—Flash Memory Control Register Enable (FLSHE): Controls CPU access to the flash
memory control registers (FLMCR1, FLMCR2, EBR1, and EBR2), the power-down mode control
registers (SBYCR, LPWRCR, MSTPCRH, and MSTPCRL), and the supporting module control
register (PCSR and SYSCR2).
Bit 3
FLSHE
Description
0
Addresses H'(FF)FF80 to H'(FF)FF87 are used for power-down mode control register
and supporting module control register access
(Initial value)
1
Addresses H'(FF)FF80 to H'(FF)FF87 are used for flash memory control register
access (F-ZTAT version only)
Bit 2—Reserved: Do not write 1 to this bit.
Bits 1 and 0—Internal Clock Select 1 and 0 (ICKS1, ICKS0): These bits, together with bits
CKS2 to CKS0 in TCR, select the clock to be input to TCNT. For details, see section 12.2.4,
Timer Control Register (TCR).
3.3
Operating Mode Descriptions
3.3.1
Mode 1
The CPU can access a 64-kbyte address space in normal mode. The on-chip ROM is disabled.
Ports 1 and 2 function as an address bus, port 3 functions as a data bus, and part of port 9 carries
bus control signals. Clearing the ABW bit to 0 in the WSCR register makes port B a data bus.
3.3.2
Mode 2
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is enabled.
After a reset, single-chip mode is set, and the EXPE bit in MDCR must be set to 1 in order to use
external addresses.
When the EXPE bit in MDCR is set to 1, ports 1, 2 and A function as input ports after a reset.
They can be set to output addresses by setting the corresponding bits in the data direction register
(DDR) to 1. Port 3 functions as a data bus, and part of port 9 carries bus control signals. Clearing
the ABW bit to 0 in the WSCR register makes port B a data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com