Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 130Page - Renesas Technology Corp HD6432148SW Datasheet HTML 131Page - Renesas Technology Corp HD6432148SW Datasheet HTML 132Page - Renesas Technology Corp HD6432148SW Datasheet HTML 133Page - Renesas Technology Corp HD6432148SW Datasheet HTML 134Page - Renesas Technology Corp HD6432148SW Datasheet HTML 135Page - Renesas Technology Corp HD6432148SW Datasheet HTML 136Page - Renesas Technology Corp HD6432148SW Datasheet HTML 137Page - Renesas Technology Corp HD6432148SW Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1177 page
background image
Section 3 MCU Operating Modes
Rev. 4.00 Sep 27, 2006 page 90 of 1130
REJ09B0327-0400
3.3.3
Mode 3
The CPU can access a 64-kbyte address space in normal mode. The on-chip ROM is enabled.
After a reset, single-chip mode is set, and the EXPE bit in MDCR must be set to 1 in order to use
external addresses.
When the EXPE bit in MDCR is set to 1, ports 1 and 2 function as input ports after a reset. They
can be set to output addresses by setting the corresponding bits in the data direction register
(DDR) to 1. Port 3 functions as a data bus, and part of port 9 carries bus control signals. Clearing
the ABW bit to 0 in the WSCR register makes port B a data bus.
In this operating mode, the available amount of on-chip ROM in products with 64 kbytes or more
of ROM is limited to 56 kbytes.
3.4
Pin Functions in Each Operating Mode
The pin functions of ports 1 to 3, 9, A, and B vary depending on the operating mode. Table 3.3
shows their functions in each operating mode.
Table 3.3
Pin Functions in Each Mode
Port
Mode 1
Mode 2
Mode 3
Port 1
A
P*/A
P*/A
Port 2
A
P*/A
P*/A
Port A
P
P*/A
P
Port 3
D
P*/D
P*/D
Port B
P*/D
P*/D
P*/D
Port 9
P97
P*/C
P*/C
P*/C
P96
C*/P
P*/C
P*/C
P95 to P93
C
P*/C
P*/C
P92 to P91
P
P
P
P90
P*/C
P*/C
P*/C
Legend:
P: I/O port
A: Address bus output
D: Data bus I/O
C: Control signals, clock I/O
*: After reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com