Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 128Page - Renesas Technology Corp HD6432148SW Datasheet HTML 129Page - Renesas Technology Corp HD6432148SW Datasheet HTML 130Page - Renesas Technology Corp HD6432148SW Datasheet HTML 131Page - Renesas Technology Corp HD6432148SW Datasheet HTML 132Page - Renesas Technology Corp HD6432148SW Datasheet HTML 133Page - Renesas Technology Corp HD6432148SW Datasheet HTML 134Page - Renesas Technology Corp HD6432148SW Datasheet HTML 135Page - Renesas Technology Corp HD6432148SW Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1177 page
background image
Section 3 MCU Operating Modes
Rev. 4.00 Sep 27, 2006 page 88 of 1130
REJ09B0327-0400
3.2.4
Serial Timer Control Register (STCR)
7
IICS
0
R/W
6
IICX1
0
R/W
5
IICX0
0
R/W
4
IICE
0
R/W
3
FLSHE
0
R/W
0
ICKS0
0
R/W
2
—
0
R/W
1
ICKS1
0
R/W
Bit
Initial value
Read/Write
STCR is an 8-bit readable/writable register that controls register access, the IIC operating mode
(when the on-chip IIC option is included), an on-chip flash memory control (in F-ZTAT versions),
and also selects the TCNT input clock. For details of functions other than register access control,
see the descriptions of the relevant modules. If a module controlled by STCR is not used, do not
write 1 to the corresponding bit.
STCR is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 to 5—I
2C Control (IICS, IICX1, IICX0): These bits control the bus buffer function of the
port A and the operation of the I
2C bus interface when the on-chip IIC option is included. For
details, see section 16.2.7, Serial/Timer Control Register (STCR).
Bit 4—I
2C Master Enable (IICE): Controls CPU access to the I2C bus interface data registers
and control registers (ICCR, ICSR, ICDR/SARX, and ICMR/SAR), the PWMX data registers and
control registers (DADRAH/DACR, DADRAL, DADRBH/DACNTH, and DADRBL/DACNTL),
and the SCI control registers (SMR, BRR, and SCMR).
Bit 4
IICE
Description
0
Addresses H'(FF)FF88 and H'(FF)FF89, and H'(FF)FF8E and H'(FF)FF8F, are used
for SCI1 control register access
(Initial value)
Addresses H'(FF)FFA0 and H'(FF)FFA1, and H'(FF)FFA6 and H'(FF)FFA7, are used
for SCI2 control register access
Addresses H'(FF)FFD8 and H'(FF)FFD9, and H'(FF)FFDE and H'(FF)FFDF, are used
for SCI0 control register access
1
Addresses H'(FF)FF88 and H'(FF)FF89, and H'(FF)FF8E and H'(FF)FF8F, are used
for IIC1 data register and control register access
Addresses H'(FF)FFA0 and H'(FF)FFA1, and H'(FF)FFA6 and H'(FF)FFA7, are used
for PWMX data register and control register access
Addresses H'(FF)FFD8 and H'(FF)FFD9, and H'(FF)FFDE and H'(FF)FFDF, are used
for IIC0 data register and control register access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com