Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 143Page - Renesas Technology Corp HD6432148SW Datasheet HTML 144Page - Renesas Technology Corp HD6432148SW Datasheet HTML 145Page - Renesas Technology Corp HD6432148SW Datasheet HTML 146Page - Renesas Technology Corp HD6432148SW Datasheet HTML 147Page - Renesas Technology Corp HD6432148SW Datasheet HTML 148Page - Renesas Technology Corp HD6432148SW Datasheet HTML 149Page - Renesas Technology Corp HD6432148SW Datasheet HTML 150Page - Renesas Technology Corp HD6432148SW Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1177 page
background image
Section 4 Exception Handling
Rev. 4.00 Sep 27, 2006 page 103 of 1130
REJ09B0327-0400
Section 4 Exception Handling
4.1
Overview
4.1.1
Exception Handling Types and Priority
As table 4.1 indicates, exception handling may be caused by a reset, trap instruction, or interrupt.
Exception handling is prioritized as shown in table 4.1. If two or more exceptions occur
simultaneously, they are accepted and processed in order of priority. Trap instruction exceptions
are accepted at all times in the program execution state.
Exception handling sources, the stack structure, and the operation of the CPU vary depending on
the interrupt control mode set by the INTM0 and INTM1 bits in SYSCR.
Table 4.1
Exception Types and Priority
Priority
Exception Type
Start of Exception Handling
High
Reset
Starts immediately after a low-to-high transition at the
RES pin, or when the watchdog timer overflows.
Trace*
1
Starts when execution of the current instruction or
exception handling ends, if the trace (T) bit is set to 1.
Interrupt
Starts when execution of the current instruction or
exception handling ends, if an interrupt request has been
issued.*
2
Direct transition
Started by a direct transition resulting from execution of a
SLEEP instruction.
Low
Trap instruction (TRAPA)*
3
Started by execution of a trap instruction (TRAPA).
Notes: 1. Traces are enabled only in interrupt control modes 2 and 3. (They cannot be used in
this LSI.) Trace exception handling is not executed after execution of an RTE
instruction.
2. Interrupt detection is not performed on completion of ANDC, ORC, XORC, or LDC
instruction execution, or on completion of reset exception handling.
3. Trap instruction exception handling requests are accepted at all times in the program
execution state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com