Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 144Page - Renesas Technology Corp HD6432148SW Datasheet HTML 145Page - Renesas Technology Corp HD6432148SW Datasheet HTML 146Page - Renesas Technology Corp HD6432148SW Datasheet HTML 147Page - Renesas Technology Corp HD6432148SW Datasheet HTML 148Page - Renesas Technology Corp HD6432148SW Datasheet HTML 149Page - Renesas Technology Corp HD6432148SW Datasheet HTML 150Page - Renesas Technology Corp HD6432148SW Datasheet HTML 151Page - Renesas Technology Corp HD6432148SW Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 1177 page
background image
Section 4 Exception Handling
Rev. 4.00 Sep 27, 2006 page 104 of 1130
REJ09B0327-0400
4.1.2
Exception Handling Operation
Exceptions originate from various sources. Trap instructions and interrupts are handled as follows:
1. The program counter (PC) and condition-code register (CCR) are pushed onto the stack.
2. The interrupt mask bits are updated. The T bit is cleared to 0.
3. A vector address corresponding to the exception source is generated, and program execution
starts from that address.
For a reset exception, steps 2 and 3 above are carried out.
4.1.3
Exception Sources and Vector Table
The exception sources are classified as shown in figure 4.1. Different vector addresses are
assigned to different exception sources.
Table 4.2 lists the exception sources and their vector addresses.
Exception
sources
Reset
Trace
Interrupts
Direct transition
Trap instruction
(Cannot be used in this LSI)
External interrupts: NMI, IRQ7 to IRQ0
Internal interrupts: interrupt sources in
on-chip supporting modules
Figure 4.1 Exception Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com