Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 146Page - Renesas Technology Corp HD6432148SW Datasheet HTML 147Page - Renesas Technology Corp HD6432148SW Datasheet HTML 148Page - Renesas Technology Corp HD6432148SW Datasheet HTML 149Page - Renesas Technology Corp HD6432148SW Datasheet HTML 150Page - Renesas Technology Corp HD6432148SW Datasheet HTML 151Page - Renesas Technology Corp HD6432148SW Datasheet HTML 152Page - Renesas Technology Corp HD6432148SW Datasheet HTML 153Page - Renesas Technology Corp HD6432148SW Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 1177 page
background image
Section 4 Exception Handling
Rev. 4.00 Sep 27, 2006 page 106 of 1130
REJ09B0327-0400
4.2
Reset
4.2.1
Overview
A reset has the highest exception priority.
When the
RES pin goes low, all processing halts and the MCU enters the reset state. A reset
initializes the internal state of the CPU and the registers of on-chip supporting modules.
Immediately after a reset, interrupt control mode 0 is set.
Reset exception handling begins when the
RES pin changes from low to high.
The MCUs can also be reset by overflow of the watchdog timer. For details, see section 14,
Watchdog Timer (WDT).
4.2.2
Reset Sequence
The MCU enters the reset state when the
RES pin goes low.
To ensure that the chip is reset, hold the
RES pin low for at least 20 ms when powering on. To
reset the chip during operation, hold the
RES pin low for at least 20 states. For pin states in a reset,
see appendix D.1, Port States in Each Processing State.
When the
RES pin goes high after being held low for the necessary time, the chip starts reset
exception handling as follows:
[1] The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
[2] The reset exception vector address is read and transferred to the PC, and program execution
starts from the address indicated by the PC.
Figures 4.2 and 4.3 show examples of the reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com