Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 195Page - Renesas Technology Corp HD6432148SW Datasheet HTML 196Page - Renesas Technology Corp HD6432148SW Datasheet HTML 197Page - Renesas Technology Corp HD6432148SW Datasheet HTML 198Page - Renesas Technology Corp HD6432148SW Datasheet HTML 199Page - Renesas Technology Corp HD6432148SW Datasheet HTML 200Page - Renesas Technology Corp HD6432148SW Datasheet HTML 201Page - Renesas Technology Corp HD6432148SW Datasheet HTML 202Page - Renesas Technology Corp HD6432148SW Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 155 of 1130
REJ09B0327-0400
Bit 4—Burst Cycle Select 1 (BRSTS1): Selects the number of burst cycles for the burst ROM
interface.
Bit 4
BRSTS1
Description
0
Burst cycle comprises 1 state
1
Burst cycle comprises 2 states
(Initial value)
Bit 3—Burst Cycle Select 0 (BRSTS0): Selects the number of words that can be accessed in a
burst ROM interface burst access.
Bit 3
BRSTS0
Description
0
Max. 4 words in burst access
(Initial value)
1
Max. 8 words in burst access
Bit 2—Reserved: Do not write 0 to this bit.
Bits 1 and 0—IOS Select 1 and 0 (IOS1, IOS0): See table 6.4.
6.2.2
Wait State Control Register (WSCR)
7
RAMS
0
R/W
6
RAM0
0
R/W
5
ABW
1
R/W
4
AST
1
R/W
3
WMS1
0
R/W
0
WC0
1
R/W
2
WMS0
0
R/W
1
WC1
1
R/W
Bit
Initial value
Read/Write
WSCR is an 8-bit readable/writable register that specifies the data bus width, number of access
states, wait mode, and number of wait states for external memory space. The on-chip memory and
internal I/O register bus width and number of access states are fixed, irrespective of the WSCR
settings.
WSCR is initialized to H'33 by a reset and in hardware standby mode. It is not initialized in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com