Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 198Page - Renesas Technology Corp HD6432148SW Datasheet HTML 199Page - Renesas Technology Corp HD6432148SW Datasheet HTML 200Page - Renesas Technology Corp HD6432148SW Datasheet HTML 201Page - Renesas Technology Corp HD6432148SW Datasheet HTML 202Page - Renesas Technology Corp HD6432148SW Datasheet HTML 203Page - Renesas Technology Corp HD6432148SW Datasheet HTML 204Page - Renesas Technology Corp HD6432148SW Datasheet HTML 205Page - Renesas Technology Corp HD6432148SW Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 158 of 1130
REJ09B0327-0400
Table 6.3
Bus Specifications for Each Area (Basic Bus Interface)
Bus Specifications (Basic Bus Interface)
ABW
AST
WMS1 WMS0 WC1
WC0
Bus Width
Access
States
Program
Wait States
00
———
—
16
2
0
10
1
——
16
3
0
—*
—*
00
3
0
11
10
2
13
10
———
—
82
0
10
1
——
83
0
—*
—*
00
3
0
11
10
2
13
Note:
*
Except when WMS1 = 0 and WMS0 = 1
6.3.2
Advanced Mode
The initial state of the external space is basic bus interface, three-state access space. In ROM-
enabled expanded mode, the space excluding the on-chip ROM, on-chip RAM, and internal I/O
registers is external space. The on-chip RAM is enabled when the RAME bit in the system control
register (SYSCR) is set to 1; when the RAME bit is cleared to 0, the on-chip RAM is disabled and
the corresponding space becomes external space.
6.3.3
Normal Mode
The initial state of the external memory space is basic bus interface, three-state access space. In
ROM-disabled expanded mode, the space excluding the on-chip RAM and internal I/O registers is
external space. In ROM-enabled expanded mode, the space excluding the on-chip ROM, on-chip
RAM, and internal I/O registers is external space. The on-chip RAM is enabled when the RAME
bit in the system control register (SYSCR) is set to 1; when the RAME bit is cleared to 0, the on-
chip RAM is disabled and the corresponding space becomes external space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com