Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 197Page - Renesas Technology Corp HD6432148SW Datasheet HTML 198Page - Renesas Technology Corp HD6432148SW Datasheet HTML 199Page - Renesas Technology Corp HD6432148SW Datasheet HTML 200Page - Renesas Technology Corp HD6432148SW Datasheet HTML 201Page - Renesas Technology Corp HD6432148SW Datasheet HTML 202Page - Renesas Technology Corp HD6432148SW Datasheet HTML 203Page - Renesas Technology Corp HD6432148SW Datasheet HTML 204Page - Renesas Technology Corp HD6432148SW Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 157 of 1130
REJ09B0327-0400
Bits 1 and 0—Wait Count 1 and 0 (WC1, WC0): These bits select the number of program wait
states when external memory space is accessed while the AST bit is set to 1.
Bit 1
Bit 0
WC1
WC0
Description
0
0
No program wait states are inserted
1
1 program wait state is inserted in external memory space accesses
1
0
2 program wait states are inserted in external memory space accesses
1
3 program wait states are inserted in external memory space accesses
(Initial value)
6.3
Overview of Bus Control
6.3.1
Bus Specifications
The external space bus specifications consist of three elements: bus width, number of access
states, and wait mode and number of program wait states.
The bus width and number of access states for on-chip memory and internal I/O registers are
fixed, and are not affected by the bus controller.
Bus Width: A bus width of 8 or 16 bits can be selected with the ABW bit.
Number of Access States: Two or three access states can be selected with the AST bit.
When 2-state access space is designated, wait insertion is disabled. The number of access states on
the burst ROM interface is determined without regard to the AST bit setting.
Wait Mode and Number of Program Wait States: When 3-state access space is designated by
the AST bit, the wait mode and the number of program wait states to be inserted automatically is
selected with WMS1, WMS0, WC1, and WC0. From 0 to 3 program wait states can be selected.
Table 6.3 shows the bus specifications for each basic bus interface area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com