Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 306Page - Renesas Technology Corp HD6432148SW Datasheet HTML 307Page - Renesas Technology Corp HD6432148SW Datasheet HTML 308Page - Renesas Technology Corp HD6432148SW Datasheet HTML 309Page - Renesas Technology Corp HD6432148SW Datasheet HTML 310Page - Renesas Technology Corp HD6432148SW Datasheet HTML 311Page - Renesas Technology Corp HD6432148SW Datasheet HTML 312Page - Renesas Technology Corp HD6432148SW Datasheet HTML 313Page - Renesas Technology Corp HD6432148SW Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 266 of 1130
REJ09B0327-0400
8.11.2
Register Configuration
Table 8.22 summarizes the port A registers.
Table 8.22
Port A Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port A data direction register
PADDR
W
H'00
H'FFAB*
2
Port A output data register
PAODR
R/W
H'00
H'FFAA
Port A input data register
PAPIN
R
Undefined
H'FFAB*
2
Notes: 1. Lower 16 bits of the address.
2. PADDR and PAPIN have the same address.
Port A Data Direction Register (PADDR)
Bit
765
432
10
PA7DDR PA6DDR PA5DDR PA4DDR PA3DDR PA2DDR PA1DDR PA0DDR
Initial value
000
000
00
Read/Write
W
W
W
W
W
W
W
W
PADDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port A.
Setting a PADDR bit to 1 makes the corresponding port A pin an output pin, while clearing the bit
to 0 makes the pin an input pin.
PADDR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
Port A Output Data Register (PAODR)
Bit
765
432
10
PA7ODR PA6ODR PA5ODR PA4ODR PA3ODR PA2ODR PA1ODR PA0ODR
Initial value
000
000
00
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PAODR is an 8-bit readable/writable register that stores output data for the port A pins (PA7 to
PA0). PAODR can always be read or written to, regardless of the contents of PADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com