Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 303Page - Renesas Technology Corp HD6432148SW Datasheet HTML 304Page - Renesas Technology Corp HD6432148SW Datasheet HTML 305Page - Renesas Technology Corp HD6432148SW Datasheet HTML 306Page - Renesas Technology Corp HD6432148SW Datasheet HTML 307Page - Renesas Technology Corp HD6432148SW Datasheet HTML 308Page - Renesas Technology Corp HD6432148SW Datasheet HTML 309Page - Renesas Technology Corp HD6432148SW Datasheet HTML 310Page - Renesas Technology Corp HD6432148SW Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 263 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
P94/
HWR/IOW
The pin function is switched as shown below according to the combination of
operating mode, bit HI12E in SYSCR2, and bit P94DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
01
P94DDR
—
01
—
Pin function
HWR
output pin
P94
input pin
P94
output pin
IOW
input pin
P93/
RD/IOR
The pin function is switched as shown below according to the combination of
operating mode, bit HI12E in SYSCR2, and bit P93DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
01
P93DDR
—
01
—
Pin function
RD output pin P93 input pin P93 output pin IOR input pin
P92/
IRQ0
P92DDR
0
1
Pin function
P92 input pin
P92 output pin
IRQ0 input pin
When bit IRQ0E in IER is set to 1, this pin is used as the
IRQ0 input pin.
P91/
IRQ1
P91DDR
0
1
Pin function
P91 input pin
P91 output pin
IRQ1 input pin
When bit IRQ1E in IER is set to 1, this pin is used as the
IRQ1 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com