Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 302Page - Renesas Technology Corp HD6432148SW Datasheet HTML 303Page - Renesas Technology Corp HD6432148SW Datasheet HTML 304Page - Renesas Technology Corp HD6432148SW Datasheet HTML 305Page - Renesas Technology Corp HD6432148SW Datasheet HTML 306Page - Renesas Technology Corp HD6432148SW Datasheet HTML 307Page - Renesas Technology Corp HD6432148SW Datasheet HTML 308Page - Renesas Technology Corp HD6432148SW Datasheet HTML 309Page - Renesas Technology Corp HD6432148SW Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 262 of 1130
REJ09B0327-0400
Table 8.21
Port 9 Pin Functions
Pin
Selection Method and Pin Functions
P97/
WAIT/SDA0
The pin function is switched as shown below according to the combination of
operating mode, bit WMS1 in WSCR, bit ICE in ICCR of IIC0, and bit P97DDR.
Operating
mode
Modes 1, 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
WMS1
0
1
—
ICE
0
1
—
01
P97DDR
0
1
——
01
—
Pin function
P97
input
pin
P97
output
pin
SDA0
I/O pin
WAIT
input
pin
P97
input
pin
P97
output
pin
SDA0
I/O pin
When this pin is set as the P97 output pin in the H8S/2148 Group and
H8S/2147N, it is an NMOS push-pull output. SDA0 is an NMOS open-drain
output, and has direct bus drive capability.
P96/
φ/EXCL
The pin function is switched as shown below according to the combination of
bit EXCLE in LPWRCR and bit P96DDR.
P96DDR
0
1
EXCLE
0
1
0
Pin function
P96 input pin
EXCL input pin
φ output pin
When this pin is used as the EXCL input pin, P96DDR should be cleared to 0.
P95/
AS/IOS/CS1 The pin function is switched as shown below according to the combination of
operating mode, bit IOSE in SYSCR, bit HI12E in SYSCR2, and bit P95DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
01
P95DDR
—
01
—
IOSE
0
1
———
Pin function
AS
output pin
IOS
output pin
P95
input pin
P95
output pin
CS1
input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com