Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 298Page - Renesas Technology Corp HD6432148SW Datasheet HTML 299Page - Renesas Technology Corp HD6432148SW Datasheet HTML 300Page - Renesas Technology Corp HD6432148SW Datasheet HTML 301Page - Renesas Technology Corp HD6432148SW Datasheet HTML 302Page - Renesas Technology Corp HD6432148SW Datasheet HTML 303Page - Renesas Technology Corp HD6432148SW Datasheet HTML 304Page - Renesas Technology Corp HD6432148SW Datasheet HTML 305Page - Renesas Technology Corp HD6432148SW Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 258 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
P83
The pin function is switched as shown below according to bit P83DDR.
P83DDR
0
1
Pin function
P83 input pin
P83 output pin
P82/HIFSD
The pin function is switched as shown below according to the combination of
operating mode, bit SDE in SYSCR2, and bit P82DDR.
Operating
mode
Not slave mode
Slave mode
SDE
—
01
P82DDR
01
01
—
Pin function
P82
input pin
P82
output pin
P82
input pin
P82
output pin
HIFSD
input pin
P81/GA20/
CS2
The pin function is switched as shown below according to the combination of
operating mode, bit CS2E in SYSCR, bit FGA20E in HICR of the HIF, and bit
P81DDR.
Operating
mode
Not slave mode
Slave mode
FGA20E
—
01
CS2E
—
01
—
P81DDR
01
01
—
01
Pin function
P81
input
pin
P81
output
pin
P81
input
pin
P81
output
pin
CS2
input
pin
P81
input
pin
GA20
output
pin
This pin should be used as the GA20 output pin or
CS2 input pin only in mode
2 or 3 (EXPE = 0).
P80/HA0
The pin function is switched as shown below according to the combination of
operating mode and bit P80DDR.
Operating
mode
Not slave mode
Slave mode
P80DDR
0
1
—
Pin function
P80 input pin
P80 output pin
HA0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com