Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 299Page - Renesas Technology Corp HD6432148SW Datasheet HTML 300Page - Renesas Technology Corp HD6432148SW Datasheet HTML 301Page - Renesas Technology Corp HD6432148SW Datasheet HTML 302Page - Renesas Technology Corp HD6432148SW Datasheet HTML 303Page - Renesas Technology Corp HD6432148SW Datasheet HTML 304Page - Renesas Technology Corp HD6432148SW Datasheet HTML 305Page - Renesas Technology Corp HD6432148SW Datasheet HTML 306Page - Renesas Technology Corp HD6432148SW Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 259 of 1130
REJ09B0327-0400
8.10
Port 9
8.10.1
Overview
Port 9 is an 8-bit I/O port. Port 9 pins also function as external interrupt input pins (
IRQ0 to
IRQ2), the A/D converter external trigger input pin (ADTRG), host interface input pins (ECS2,
CS1, IOW, IOR) (H8S/2148 Group and H8S/2147N only), the IIC0 I/O pin (SDA0) (option in
H8S/2148 Group and H8S/2147N only), the subclock input pin (EXCL), bus control signal I/O
pins (
AS/IOS, RD, HWR, LWR, WAIT), and the system clock (φ) output pin. In H8S/2148 Group
and H8S/2147N, P97 is an NMOS push-pull output. SDA0 is an NMOS open-drain output, and
has direct bus drive capability.
Figure 8.17 shows the port 9 pin configuration.
P97/
WAIT/SDA0
P96/
φ/EXCL
P95/
AS/IOS/CS1
P94/
HWR/IOW
P93/
RD/IOR
P92/
IRQ0
P91/
IRQ1
P90/
LWR/IRQ2/ADTRG/ECS2
Port 9
Port 9 pins
WAIT (Input)/P97 (I/O)/SDA0 (I/O)
φ (Output)/P96 (Input)/EXCL (Input)
AS (Output)/IOS (Output)
HWR (Output)
RD (Output)
P92 (I/O)/
IRQ0 (Input)
P91 (I/O)/
IRQ1 (Input)
P90 (I/O)/
LWR (Output)/IRQ2 (Input)/ADTRG (Input)
Pin functions in modes 1, 2 and 3 (EXPE = 1)
P97 (I/O)/SDA0 (I/O)
P96 (Input)/
φ (Output)/EXCL (Input)
P95 (I/O)/
CS1 (Input)
P94 (I/O)/
IOW (Input)
P93 (I/O)/
IOR (Input)
P92 (I/O)/
IRQ0 (Input)
P91 (I/O)/
IRQ1 (Input)
P90 (I/O)/
IRQ2 (Input)/ADTRG (Input)/ECS2 (Input)
Pin functions in modes 2 and 3 (EXPE = 0)
Figure 8.17 Port 9 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com