Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 300Page - Renesas Technology Corp HD6432148SW Datasheet HTML 301Page - Renesas Technology Corp HD6432148SW Datasheet HTML 302Page - Renesas Technology Corp HD6432148SW Datasheet HTML 303Page - Renesas Technology Corp HD6432148SW Datasheet HTML 304Page - Renesas Technology Corp HD6432148SW Datasheet HTML 305Page - Renesas Technology Corp HD6432148SW Datasheet HTML 306Page - Renesas Technology Corp HD6432148SW Datasheet HTML 307Page - Renesas Technology Corp HD6432148SW Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 260 of 1130
REJ09B0327-0400
8.10.2
Register Configuration
Table 8.20 summarizes the port 9 registers.
Table 8.20
Port 9 Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port 9 data direction register
P9DDR
W
H'40/H'00*
2
H'FFC0
Port 9 data register
P9DR
R/W
H'00
H'FFC1
Notes: 1. Lower 16 bits of the address.
2. Initial value depends on the mode.
Port 9 Data Direction Register (P9DDR)
Bit
765
432
10
P97DDR P96DDR P95DDR P94DDR P93DDR P92DDR P91DDR P90DDR
Mode 1
Initial value
010
000
00
Read/Write
W
W
W
W
W
W
W
W
Modes 2 and 3
Initial value
000
000
00
Read/Write
W
W
W
W
W
W
W
W
P9DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 9. P9DDR cannot be read; if it is, an undefined value will be returned.
P9DDR is initialized to H'40 (mode 1) or H'00 (modes 2 and 3) by a reset and in hardware standby
mode. It retains its prior state in software standby mode.
• Modes 1, 2 and 3 (EXPE = 1)
Pin P97 functions as a bus control input (
WAIT), the IIC0 I/O pin (SDA0), or an I/O port,
according to the wait mode setting. When P97 functions as an I/O port, it becomes an output
port when P97DDR is set to 1, and an input port when P97DDR is cleared to 0.
Pin P96 functions as the
φ output pin when P96DDR is set to 1, and as the subclock input
(EXCL) or an input port when P96DDR is cleared to 0.
Pins P95 to P93 automatically become bus control outputs (
AS/IOS, HWR, RD), regardless of
the input/output direction indicated by P95DDR to P93DDR.
Pins P92 and P91 become output ports when P92DDR and P91DDR are set to 1, and input
ports when P92DDR and P91DDR are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com