| Electronic Components Datasheet Search |
|
HD6432137SW Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432137SW Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 1061 page ![]() Rev. 4.00 Jun 06, 2006 page xxxv of liv Figures Section 1 Overview Figure 1.1 Internal Block Diagram of H8S/2138 Group..................................................... 7 Figure 1.2 Internal Block Diagram of H8S/2134 Group..................................................... 8 Figure 1.3 Pin Arrangement of H8S/2138 Group (FP-80A, TFP-80C: Top View) ............ 9 Figure 1.4 Pin Arrangement of H8S/2134 Group (FP-80A, TFP-80C: Top View) ............ 10 Section 2 CPU Figure 2.1 CPU Operating Modes....................................................................................... 28 Figure 2.2 Exception Vector Table (Normal Mode) ........................................................... 29 Figure 2.3 Stack Structure in Normal Mode ....................................................................... 30 Figure 2.4 Exception Vector Table (Advanced Mode) ....................................................... 31 Figure 2.5 Stack Structure in Advanced Mode ................................................................... 32 Figure 2.6 Memory Map ..................................................................................................... 33 Figure 2.7 CPU Registers ................................................................................................... 34 Figure 2.8 Usage of General Registers ............................................................................... 35 Figure 2.9 Stack .................................................................................................................. 36 Figure 2.10 General Register Data Formats.......................................................................... 39 Figure 2.11 Memory Data Formats....................................................................................... 41 Figure 2.12 Instruction Formats (Examples) ........................................................................ 54 Figure 2.13 Branch Address Specification in Memory Indirect Mode ................................. 57 Figure 2.14 Processing States ............................................................................................... 62 Figure 2.15 State Transitions ................................................................................................ 63 Figure 2.16 Stack Structure after Exception Handling (Examples) ...................................... 65 Figure 2.17 On-Chip Memory Access Cycle ........................................................................ 67 Figure 2.18 Pin States during On-Chip Memory Access ...................................................... 67 Figure 2.19 On-Chip Supporting Module Access Cycle....................................................... 68 Figure 2.20 Pin States during On-Chip Supporting Module Access..................................... 69 Section 3 MCU Operating Modes Figure 3.1 H8S/2138 (Except for F-ZTAT A-Mask Version) and H8S/2134 Memory Map in Each Operating Mode.................................................................................... 80 Figure 3.2 H8S/2138 F-ZTAT A-Mask Version Memory Map in Each Operating Mode 82 Figure 3.3 H8S/2133 Memory Map in Each Operating Mode............................................ 84 Figure 3.4 H8S/2137 and H8S/2132 Memory Map in Each Operating Mode .................... 86 Figure 3.5 H8S/2130 Memory Map in Each Operating Mode............................................ 88 Section 4 Exception Handling Figure 4.1 Exception Sources ............................................................................................. 92 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |