Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 68Page - Renesas Technology Corp HD6432137SW Datasheet HTML 69Page - Renesas Technology Corp HD6432137SW Datasheet HTML 70Page - Renesas Technology Corp HD6432137SW Datasheet HTML 71Page - Renesas Technology Corp HD6432137SW Datasheet HTML 72Page - Renesas Technology Corp HD6432137SW Datasheet HTML 73Page - Renesas Technology Corp HD6432137SW Datasheet HTML 74Page - Renesas Technology Corp HD6432137SW Datasheet HTML 75Page - Renesas Technology Corp HD6432137SW Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 18 of 1004
REJ09B0301-0400
1.3.3
Pin Functions
Table 1.4 summarizes the functions of the H8S/2138 Group and H8S/2134 Group pins.
Table 1.4
Pin Functions
Pin No.
Type
Symbol
FP-80A
TFP-80C
I/O
Name and Function
Power
supply
VCC1,
VCC2
8*, 47
Input
Power supply: For connection to the power
supply. All VCC1 and VCC2* pins should be
connected to the system power supply.
VCL
8*
Input
Internal step-down voltage pin: A power supply
pin for the product, applicable to product lines that
have an internal step-down voltage. In the 5-V and
4-V versions, connect external capacitors to
stabilize the internal step-down voltage between
this pin and the VSS pin. Do not connect it to Vcc.
In the 3-V version, connect this pin and the VCC1
pin to the power supply for the system. For details,
See Section 25, Electrical Characteristics.
VSS
12, 56, 73
Input
Ground: For connection to the power supply (0 V).
All VSS pins should be connected to the system
power supply (0 V).
Clock
XTAL
2
Input
Connected to a crystal oscillator. See section 23,
Clock Pulse Generator, for typical connection
diagrams for a crystal oscillator and external clock
input.
EXTAL
3
Input
Connected to a crystal oscillator. The EXTAL pin
can also input an external clock. See section 23,
Clock Pulse Generator, for typical connection
diagrams for a crystal oscillator and external clock
input.
φ
14
Output System clock: Supplies the system clock to
external devices.
EXCL
14
Input
External subclock input: Input a 32.768 kHz
external subclock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com